Part Number Hot Search : 
645ET GVXO41 MMT555 GBP15005 BU402 EG300 0HA53 PC1508
Product Description
Full Text Search
 

To Download IL420-X007T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 83629 for technical questions, contact: optocoupleranswe rs@vishay.com www.vishay.com rev. 2.0, 29-mar-11 1 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 optocoupler, phototriac output, high dv/dt, low input current il420, il4208 vishay semiconductors description the il420 and il4208 consists of a gaas irled optically coupled to a photosensitive non-zero crossing triac network. the triac consists of two inverse parallel connected monolithic scrs. these three semiconductors are assembled in a six pin dual in-line package. high input sensitivity is achi eved by using an emitter follower phototransistor an d a cascaded scr predriver resulting in an led trigger curr ent of less than 2 ma (dc). the use of a proprietary dv/dt cl am results in a static dv/dt of greater than 10 kv/s. th is clamp circuit has a mosfet that is enhanced when high dv/dt spikes occur between mt1 and mt2 of the triac. when conducting, the fet clamps the base of the photot ransistors, disabling the first stage scr predriver. the 600 v, 800 v blocking voltage permits control of offline voltages up to 240 vac, with a safety factor of more than two, and is sufficient for as much as 380 v ac . the il420, il4208 isolates low-voltage logic from 120 v ac , 240 v ac , and 380 v ac lines to control resistive, inductive, or capacitive loads including mo tors, solenoids, high current thyristors or triac and relays. features ? high input sensitivity i ft = 2 ma ? 600 v, 800 v blocking voltage ? 300 ma on-state current ? high static dv/dt 10 kv/s ? very low leakage < 10 a ? isolation test voltage 5300 v rms ? small 6-pin dip package ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec applications ? solid state relays ? industrial controls ? office equipment ? consumer appliances agency approvals ? ul1577, file no. e52744 system code h, double protection ? csa 93751 ? din en 60747-5-2 (vde 0884)/din en 60747-5-5 (pending), available with option 1 note (1) also available in tubes, do not put t on the end. 1 2 3 6 5 4 mt2 mt1 nc a c nc i179035_2 v de 21842-1 ordering information i l420#-x0##t part number package option tape and reel agency certified/package blocking voltage v drm (v) ul, cul 600 800 dip-6 il420 il4208 dip-6, 400 mil, option 6 il420-x006 - smd-6, option 7 IL420-X007T (1) il4208-x007t (1) smd-6, option 8 il420-x008t - smd-6, option 9 il420-x009t (1) il4208-x009t (1) vde, ul, cul 600 800 dip-6 il420-x001 - dip-6, 400 mil, option 6 il420-x016 - smd-6, option 7 il420-x017t (1) - > 0.1 mm 10.16 mm > 0.7 mm 7.62 mm dip-# option 7 option 6 option 9 9.27 mm option 8
www.vishay.com for technical questions, contact: optocoupleranswe rs@vishay.com document number: 83629 2 rev. 2.0, 29-mar-11 this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 il420, il4208 vishay semiconductors optocoupler, phototriac output, high dv/dt, low input current notes ? stresses in excess of the absolute maximum ratings can cause pe rmanent damage to the device. functional operation of the devic e is not implied at these or any other conditions in excess of those given in the operational sections of this document. exposure to abs olute maximum ratings for e xtended periods of the time ca n adversely affect reliability. (1) index per din iec60112/vde 0303 part 1, group iiia per din vde 6110. (2) refer to reflow profile for soldering conditions for surface mounted devices (smd). refer to wave profile for soldering conddit ions for through hole devices (dip). absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition part symbol value unit input reverse voltage v r 6v forward current i f 60 ma surge current i fsm 2.5 a power dissipation p diss 100 mw derate from 25 c 1.33 mw/c output peak off-state voltage il420 v drm 600 v il4208 v drm 800 v rms on-state current i tm 300 ma single cycle surge current i tsm 3a power dissipation p diss 500 mw derate from 25 c 6.6 mw/c coupler isolation test voltage between emitter and detector t = 1 s v iso 5300 v rms pollution degree (din vde 0109) 2 creepage distance ? 7mm clearance distance ? 7mm comparative tracking (1) ? 175 isolation resistance v io = 500 v, t amb = 25 c r io ? 10 12 ? v io = 500 v, t amb = 100 c r io ? 10 11 ? storage temperature range t stg - 55 to + 150 c ambient temperature range t amb - 55 to + 100 c soldering temperature (2) max. ? 10 s dip soldering ? 0.5 mm from case bottom t sld 260 c
document number: 83629 for technical questions, contact: optocoupleranswe rs@vishay.com www.vishay.com rev. 2.0, 29-mar-11 3 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 il420, il4208 optocoupler, phototriac output, high dv/dt, low input current vishay semiconductors note ? minimum and maximum values are testing requirements. typical values are characteristics of the device and are the result of en gineering evaluation. typical values are for information only and are not part of the testing requirements. electrical characteristics (t amb = 25 c, unless otherwise specified) parameter test condition part symbol min. typ. max. unit input forward voltage i f = 10 ma v f 1.16 1.35 v reverse current v r = 6 v i r 0.1 10 a input capacitance v f = 0 v, f = 1 mhz c in 40 pf thermal resistance, junction to ambient r thja 750 c/w output off-state current v d = v drm , t amb = 100 c i drm 10 100 a on-state voltage i t = 300 ma v tm 1.7 3 v surge (non-repetitive), on-state current f = 50 hz i tsm 3a holding current i h 65 500 a latching current v t = 2.2 v i l 500 a led trigger current v d = 5 v i ft 12ma trigger current temperature gradient ? i ft / ? t j 714a/c critical rate of rise off-state voltage v d = 0.67 v drm , t j = 25 c dv/dt cr 10 000 v/s v d = 0.67 v drm , t j = 80 c dv/dt cr 5000 v/s critical rate of rise of voltage at current commutation v d = 230 v rms , i d = 300 ma rms , t j = 25 c dv/dt crq 8v/s v d = 230 v rms , i d = 300 ma rms , t j = 85 c dv/dt crq 7v/s critical rate of rise of on-state current commutation di/dt crq 12 a/ms thermal resistance, junction to ambient r thja 150 c/w coupler critical rate of rise of coupled input/output voltage i t = 0 a, v rm = v dm = v drm dv/dt 5000 v/s capacitance (input to output) f = 1 mhz, v io = 0 v c io 0.8 pf isolation resistance v io = 500 v, t amb = 25 c r io ? 10 12 ? v io = 500 v, t amb = 100 c r io ? 10 11 ? switching characteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit turn-on time v rm = v dm = v drm t on 35 s
www.vishay.com for technical questions, contact: optocoupleranswe rs@vishay.com document number: 83629 4 rev. 2.0, 29-mar-11 this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 il420, il4208 vishay semiconductors optocoupler, phototriac output, high dv/dt, low input current note ? as per iec60747-5-2, 7.4.3.8.1, this optocoupler is suitable for safe electrical in sulation only within the safety ratings . compliance with the safety ratings shall be ensured by means of protective circuits. typical characteristics (t amb = 25 c, unless otherwise specified) fig. 1 - forward voltage vs. forward current fig. 2 - peak led current vs. duty factor, ? fig. 3 - maximum led power dissipation fig. 4 - typical output characteristics safety and insulation ratings (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit climatic classification (according to iec68 part 1) 55/100/21 comparative tracking index cti 175 399 v iotm 8000 v v iorm 630 v p so 500 mw i si 250 ma t si 175 c creepage distance standard dip-8 7 mm clearance distance standard dip-8 7 mm creepage distan ce 400 mil dip-8 8 mm clearance distance 400 mil dip-8 8 mm insulation thickness for il4208 only 0.4 mm iil420_01 100 10 1 0.1 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 i f - forward current (ma) v f - forward voltage (v) t amb = - 55 c t amb = 25 c t amb = 85 c iil420_02 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 100 100 0 10 000 t- led pulse duration (s) i f(pk) - peak led current (ma) 0.005 0.05 0.02 0.01 0.1 0.2 0.5 duty factor t df = /t iil420_03 100 80 60 40 20 0 - 20 - 40 - 60 0 50 100 150 t amb - ambient temperature (c) led - power (mw) 10 3 10 2 10 1 5 5 5 10 0 012 4 3 iil420_04 i t = f(v t ), parameter: t j t j = 25 c t j = 100 c i t (ma) v t (v)
document number: 83629 for technical questions, contact: optocoupleranswe rs@vishay.com www.vishay.com rev. 2.0, 29-mar-11 5 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 il420, il4208 optocoupler, phototriac output, high dv/dt, low input current vishay semiconductors fig. 5 - current reduction fig. 6 - current reduction fig. 7 - typical trigger delay time fig. 8 - typical off-state current fig. 9 - power dissipation fig. 10 - pulse trigger current 400 300 200 100 0 0 20 40 60 80 100 iil420_05 i trms (ma) t amb (c) i trms = f(t a ), r thja = 150 k/w device switch soldered in pcb or base plate. 400 300 200 100 0 50 60 70 80 90 100 iil420_06 i trms (ma) t pin5 (c) i trms = f(t pin5 ), r thj-pin5 = 16.5 k/w thermocouple measurement must be performed potentially separated to a1 and a2. measuring junction as near as possible at the case. iil420_07 t gd = f(i f /i ft 25 c), v d = 200 v, parameter: t j i f /i ft 25 c 10 0 10 1 10 2 10 0 10 1 10 2 10 3 t gd ( s) t j = 25 c 100 c iil420_08 i d = f(t j ), v d = 600 v, parameter: t j 0 20 40 60 80 100 10 3 10 2 10 1 10 0 10 -1 t j (c) i d (na) 0.6 0.4 0.2 0.5 0.3 0.1 0 0 100 300 200 iil420_09 for 40 hz to 60 hz line operation, p tot = f(i trms ) i trms t = 180 c = 120 c = 90 c = 60 c = 30 c i trms (ma) p tot (w) to i ft , referring to t pif i 1.0 ms, 0 1 2 3 4 5 6 7 8 9 10 10 1 10 2 10 3 t pif (s) i ftn v op = 200 v, f = 40 hz to 60 hz typ. i ftn = f (t pif ), i ftn normalized
www.vishay.com for technical questions, contact: optocoupleranswe rs@vishay.com document number: 83629 6 rev. 2.0, 29-mar-11 this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 il420, il4208 vishay semiconductors optocoupler, phototriac output, high dv/dt, low input current package dimensions in millimeters package marking (example) notes ? only options 1, 7, and 8 are reflected in the package marking. ? the vde logo is only marked on option 1 parts. ? tape and reel suffix (t) is not part of the package marking. i178014 0.20 0.30 3.30 3.81 3.30 3.81 0.84 typ. 7.62 typ. 0.84 typ. 2.54 typ. 1 min. 0.46 0.51 1.22 1.32 6.30 6.50 8.50 8.70 pin one id 6 5 4 1 2 3 18 3 to 9 7.62 to 8.81 4 typ. iso method a option 6 option 7 20802-25 option 8 option 9 10.16 typ. 7.62 typ. 8 min. 7.62 typ. 4.3 0.3 0.6 min. 10.3 max. 0.7 min. 7.62 typ. 12.1 max. 9.27 min. 10.3 max. 7.62 typ. 8 min. 0.6 min. 0.1 0.1 3.6 0.3 3.5 0.3 2.55 0.25 0.1 min. 0.25 0.1 3.5 0.3 2.54 r 0.25 1.78 0.76 1.52 8 min. 11.05 2.54 r 0.25 1.78 0.76 1.52 8 min. 11.05 2.54 r 0.25 1.78 0.76 1.52 8 min. 11.05 il4208 v yww h 68
legal disclaimer notice www.vishay.com vishay revision: 12-mar-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products no t expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale , including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding th e design or manufacture of the part. please contact authorized vishay personnel t o obtain written terms and conditions regardin g products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu.


▲Up To Search▲   

 
Price & Availability of IL420-X007T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X